Part Number Hot Search : 
A223M EX24016 2C500A MH89770 B5117 16802 12121 MAX168
Product Description
Full Text Search
 

To Download JAN2N5581 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 TECHNICAL DATA
NPN SILICON SWITCHING TRANSISTOR
Qualified per MIL-PRF-19500/423 Devices 2N5581 2N5582 Qualified Level JAN JANTX JANTXV
MAXIMUM RATINGS Ratings
Collector-Emitter Voltage Collector-Base Voltage Emitter-Base Voltage Collector Current Total Power Dissipation
Symbol
VCEO VCBO VEBO IC PT Top, Tstg
Value
50 75 6.0 800 0.5 2.0 -55 to +200
Unit
Vdc Vdc Vdc mAdc W W 0 C
@ TA = 250C (1) @ TC = 250C (2) Operating & Storage Junction Temperature Range 1) Derate linearly 2.86 mW/0C for TA > 250C 2) Derate linearly 11.43 mW/0C for TC > 250C
TO-46* (TO-206AB)
*See appendix A for package outline
ELECTRICAL CHARACTERISTICS (TA = 250C unless otherwise noted)
Characteristics Symbol V(BR)CEO ICBO Min. 50 10 10 10 10 Max. Unit Vdc Adc Adc Adc Adc
OFF CHARACTERISTICS
Collector-Emitter Breakdown Voltage IC = 10 mAdc Collector-Base Cutoff Current VCB = 60 Vdc VCB = 75 Vdc Emitter-Base Cutoff Current VEB = 4.0Vdc VEB = 6.0Vdc
IEBO
6 Lake Street, Lawrence, MA 01841 1-800-446-1158 / (978) 794-1666 / Fax: (978) 689-0803
120101 Page 1 of 2
2N5581, 2N5582 JAN SERIES
ELECTRICAL CHARACTERISTICS (con't)
Characteristics Symbol Min. Max. Unit
ON CHARACTERISTICS (3)
Forward-Current Transfer Ratio IC = 0.1 mAdc, VCE = 10 Vdc IC =1.0 m Adc, VCE = 10 Vdc IC = 10 mAdc, VCE = 10 Vdc IC = 150 mAdc, VCE = 10 Vdc IC = 500 mAdc, VCE = 10 Vdc IC = 0.1 mAdc, VCE = 10 Vdc IC =1.0 m Adc, VCE = 10 Vdc IC = 10 mAdc, VCE = 10 Vdc IC = 150 mAdc, VCE = 10 Vdc IC = 500 mAdc, VCE = 10 Vdc Collector-Emitter Saturation Voltage IC = 150 mAdc, IB = 15 mAdc IC = 500 mAdc, IB = 50 mAdc Base-Emitter Voltage IC = 150 mAdc, IB = 15 mAdc IC = 500 mAdc, IB = 50 mAdc 2N5581 hFE 30 35 40 40 20 50 75 100 100 30
120
2N5582
hFE
300
VCE(sat)
0.3 1.0 0.6 1.2 2.0
Vdc
VBE(sat)
Vdc
DYNAMIC CHARACTERISTICS
Forward Current Transfer Ratio IC = 1.0 mAdc, VCE = 10 Vdc Forward Current Transfer Ratio IC = 50 mAdc, VCE = 20 Vdc, f = 100 MHz Output Capacitance VCB = 10 Vdc, IE = 0, 100 kHz f 1.0 MHz Input Capacitance VEB = 0.5 Vdc, IC = 0, 100 kHz f 1.0 MHz 2N5581 2N5582 hfe 30 50 2.5 8.0 25 pF pF
hfe
Cobo Cibo
SWITCHING CHARACTERISTICS
Turn-On Time VCC = 30 Vdc; IC = 150 mAdc; IB1= 15 mAdc Turn-Off Time VCC = 30 Vdc; IC = 150 mAdc; IB1 = IB2 = 15 mAdc (3) Pulse Test: Pulse Width = 300s, Duty Cycle 2.0%.
t
on
35 300
s s
t
off
6 Lake Street, Lawrence, MA 01841 1-800-446-1158 / (978) 794-1666 / Fax: (978) 689-0803
120101 Page 2 of 2
This datasheet has been download from: www..com Datasheets for electronics components.


▲Up To Search▲   

 
Price & Availability of JAN2N5581

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X